Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1924A Datasheet (PDF) - Belden Inc.

1924A Datasheet PDF - Belden Inc.
Part # 1924A
Download  1924A Download
File Size   191.66 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #24-24pr, BC, Indiv. Shielded

1924A Datasheet (PDF)

Go To PDF Page Download Datasheet
1924A Datasheet PDF - Belden Inc.

Part # 1924A
Download  1924A Click to download

File Size   191.66 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #24-24pr, BC, Indiv. Shielded

1924A Datasheet (HTML) - Belden Inc.


1924A Product details

Product Description
Audio Snake Cable, 24-24 AWG bare copper pairs, polyolefin insulation, individually shielded with double serve "French Braid", drain, numbered/color-coded
PVC jackets, flexible PVC jacket




Similar Part No. - 1924A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1924 ETC2-1924 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1924 KEYSTONE-1924 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Kendall Howard
1924-3-001-02 KENDALLHOWARD-1924-3-001-02 Datasheet
152Kb / 1P
2U ADJUSTABLE RACK STANDOFF DATA SHEET
1924-3-001-03 KENDALLHOWARD-1924-3-001-03 Datasheet
151Kb / 1P
3U ADJUSTABLE RACK STANDOFF DATA SHEET
1924-3-001-04 KENDALLHOWARD-1924-3-001-04 Datasheet
150Kb / 1P
4U ADJUSTABLE RACK STANDOFF DATA SHEET
More results


Similar Description - 1924A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1902A BELDEN-1902A Datasheet
189Kb / 3P
Audio Snake Cable, #24-2pr, BC, Indiv. Shielded
12-19-2022
1904A BELDEN-1904A Datasheet
189Kb / 3P
Audio Snake Cable, #24-4pr, BC, Indiv. Shielded
12-19-2022
1912A BELDEN-1912A Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, BC, Indiv. Shielded
12-20-2022
1906A BELDEN-1906A Datasheet
190Kb / 3P
Audio Snake Cable, #24-6pr, BC, Indiv. Shielded
12-19-2022
1908A BELDEN-1908A Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, BC, Indiv. Shielded
12-19-2022
1414R BELDEN-1414R Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMR
12-19-2022
1516C BELDEN-1516C Datasheet
185Kb / 2P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CM
01-20-2023
1932A BELDEN-1932A Datasheet
192Kb / 3P
Audio Snake Cable, #24-32pr, BC, Indiv. Shielded
11-09-2022
1852F BELDEN-1852F Datasheet
238Kb / 4P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMG
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com