Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH305 Datasheet (PDF) - ams AG

SFH305 Datasheet PDF - ams AG
Part # SFH305
Download  SFH305 Download
File Size   1167.99 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Mini-Silicon NPN Phototransistor

SFH305 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH305 Datasheet PDF - ams AG

Part # SFH305
Download  SFH305 Click to download

File Size   1167.99 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Mini-Silicon NPN Phototransistor

SFH305 Datasheet (HTML) - ams AG


SFH305 Product details

Features
- Package: clear epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Spectral range of sensitivity: (typ) 450 ... 1100 nm
- High linearity
- Available in groups





Similar Part No. - SFH305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH305 SIEMENS-SFH305 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH305 OSRAM-SFH305 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH305 OSRAM-SFH305 Datasheet
173Kb / 7P
Mini-Silicon NPN Phototransistor
logo
Siemens Semiconductor G...
SFH305-2 SIEMENS-SFH305-2 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH305-2/3 OSRAM-SFH305-2/3 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
More results


Similar Description - SFH305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH305 SIEMENS-SFH305 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
logo
OSRAM GmbH
SFH305 OSRAM-SFH305 Datasheet
173Kb / 7P
Mini-Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
logo
OSRAM GmbH
SFH-305 OSRAM-SFH-305 Datasheet
304Kb / 10P
Mini-Silicon NPN Phototransistor
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com