Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3605 Datasheet (PDF) - ams AG

SFH3605 Datasheet PDF - ams AG
Part # SFH3605
Download  SFH3605 Download
File Size   1611.16 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Silicon NPN Phototransistor in MIDLED package

SFH3605 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH3605 Datasheet PDF - ams AG

Part # SFH3605
Download  SFH3605 Click to download

File Size   1611.16 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Silicon NPN Phototransistor in MIDLED package

SFH3605 Datasheet (HTML) - ams AG


SFH3605 Product details

Features
- Package: clear silicone
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Sidelooker
- Narrow half angle
- Spectral range of sensitivity: (typ) 500 ... 1100 nm
- Emitter in same package (SFH 46xx) available





Similar Part No. - SFH3605

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3605 OSRAM-SFH3605 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results


Similar Description - SFH3605

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6620 AVAGO-ASDL-6620 Datasheet
184Kb / 4P
Silicon NPN Phototransistor in T-1 Package
logo
OSRAM GmbH
SFH3500 OSRAM-SFH3500 Datasheet
257Kb / 8P
Silicon NPN Phototransistor in SMR짰 Package
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH-3600 OSRAM-SFH-3600 Datasheet
436Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-3500 OSRAM-SFH-3500 Datasheet
277Kb / 12P
Silicon NPN Phototransistor in SMR짰 Package
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com