Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4542 Datasheet (PDF) - ams AG

SFH4542 Datasheet PDF - ams AG
Part # SFH4542
Download  SFH4542 Download
File Size   1166.62 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Power Infrared Emitter (940nm) in SMR® Package

SFH4542 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4542 Datasheet PDF - ams AG

Part # SFH4542
Download  SFH4542 Click to download

File Size   1166.62 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Power Infrared Emitter (940nm) in SMR® Package

SFH4542 Datasheet (HTML) - ams AG


SFH4542 Product details

Features
- Package: black epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- High Power Infrared LED
- SMR® (Surface Mount Radial) package
- Same package as photodiode SFH 2500
- Short switching times





Similar Part No. - SFH4542

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
High Power Infrared Emitter (940nm) in SMR
More results


Similar Description - SFH4542

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
CT Micro International ...
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
SMD Type 940nm Infrared Emitter
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
High Power Infrared Emitter (940nm) in SMR
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
High Power Infrared Emitter (940nm) in SMR
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
High Power Infrared Emitter (850nm) in SMR
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
Infrared Emitter (850nm) in SMR
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com