Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4727S Datasheet (PDF) - ams AG

SFH4727S Datasheet PDF - ams AG
Part # SFH4727S
Download  SFH4727S Download
File Size   1092.23 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSLON® Black OSLON Black Series (940 nm) - 50°

SFH4727S Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4727S Datasheet PDF - ams AG

Part # SFH4727S
Download  SFH4727S Click to download

File Size   1092.23 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSLON® Black OSLON Black Series (940 nm) - 50°

SFH4727S Datasheet (HTML) - ams AG


SFH4727S Product details

Features:
—Package: clear silicone
—Corrosion Robustness Class: 3B
—Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—IR lightsource with high efficiency
—Double stack emitter
—Low thermal resistance (Max. 9 K/W)
—Centroid wavelength 940 nm
—Optimized for high current pulse operation
—Optimized for high brightness DC operation





Similar Part No. - SFH4727S

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
SFH47278BSA01 AMSOSRAM-SFH47278BSA01 Datasheet
1Mb / 23P
OSLON® Black
More results


Similar Description - SFH4727S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
OSLON Black Series (850 nm)
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
OSLON Black Series (850 nm)
SFH4725S OSRAM-SFH4725S Datasheet
238Kb / 10P
OSLON Black Series (940 nm)
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
OSLON Black Series (850 nm) - 90
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
OSLON Black Series (850 nm) - 90
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
OSLON Black Series (850 nm) - 150
SFH4726S OSRAM-SFH4726S Datasheet
394Kb / 15P
OSLON Black Series (940 nm) - 150
logo
ams AG
SFH47267ASA01 AMSCO-SFH47267ASA01 Datasheet
1Mb / 21P
OSLON Black Series (940 nm) - 110 ° x 135 °
Version 0.1 2023-03-02
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com