Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet (PDF) - ams AG

SFH7779 Datasheet PDF - ams AG
Part # SFH7779
Download  SFH7779 Download
File Size   3276.85 Kbytes
Page   42 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter

SFH7779 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH7779 Datasheet PDF - ams AG

Part # SFH7779
Download  SFH7779 Click to download

File Size   3276.85 Kbytes
Page   42 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter

SFH7779 Datasheet (HTML) - ams AG


SFH7779 Product details

Features
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- PS and ALS Interrupt function
- I2C interface (max. 400kHz)
- Miniature package





Similar Part No. - SFH7779

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7779 OSRAM-SFH7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
More results


Similar Description - SFH7779

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4000 VISHAY-VCNL4000 Datasheet
188Kb / 14P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
12-May-11
logo
OSRAM GmbH
SFH7773 OSRAM-SFH7773 Datasheet
883Kb / 23P
(IR-LED Proximity Sensor Ambient Light Sensor)
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776_13 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
Ambient Light, Solar-UV, IR and Proximity Sensor
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
Integrated Ambient Light and Proximity Sensor
logo
OSRAM GmbH
SFH7779 OSRAM-SFH7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH-7779 OSRAM-SFH-7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com