Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLDS90A Datasheet (PDF) - ams AG

SPLDS90A Datasheet PDF - ams AG
Part # SPLDS90A_3
Download  SPLDS90A Download
File Size   592.09 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Chip Nanostack Pulsed Laser Diode

SPLDS90A Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLDS90A Datasheet PDF - ams AG

Part # SPLDS90A_3
Download  SPLDS90A Click to download

File Size   592.09 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Chip Nanostack Pulsed Laser Diode

SPLDS90A Datasheet (HTML) - ams AG


SPLDS90A Product details

Features:
—Qualifications: The product qualification test plan is based on the guidelines of AEC-Q102, failure
mechanism based Stress Test Qualification for Discrete Optoelectronic Semiconductors in Automotive
applications.
—ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
—Reliable strained InGaAs/GaAs material
—High power large-optical-cavity laser structure
—Nanostack laser technology including 3 epitaxially stacked emitters
—Die attach via glueing is recommended




Similar Part No. - SPLDS90A_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Similar Description - SPLDS90A_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
logo
Roithner LaserTechnik G...
RLT415-200PMG ROITHNER-RLT415-200PMG Datasheet
85Kb / 2P
Violet Pulsed Laser Diode
LDMP-1550-020W-91 ROITHNER-LDMP-1550-020W-91 Datasheet
388Kb / 3P
Pulsed Infrared Laser Diode
logo
Rochester Electronics
PLD850-10-MG ROCHESTER-PLD850-10-MG Datasheet
122Kb / 1P
MOCVD Pulsed Laser Diode
PLD904-4-T ROCHESTER-PLD904-4-T Datasheet
214Kb / 2P
Pulsed Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT1610-100MPG ROITHNER-RLT1610-100MPG Datasheet
58Kb / 1P
Pulsed Infrared Laser Diode
logo
Hamamatsu Corporation
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
PULSED LASER DIODE
logo
OSRAM GmbH
SPLDS90 OSRAM-SPLDS90_3 Datasheet
182Kb / 5P
Nanostack Pulsed Laser Diode
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com