Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2178402124 Datasheet (PDF) - Molex Electronics Ltd.

2178402124 Datasheet PDF - Molex Electronics Ltd.
Part # 2178402124
Download  2178402124 Download
File Size   79.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MIZU-P25 F-F 150MM 20 AWG LEAD UL BK Sn

2178402124 Datasheet (PDF)

Go To PDF Page Download Datasheet
2178402124 Datasheet PDF - Molex Electronics Ltd.

Part # 2178402124
Download  2178402124 Click to download

File Size   79.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MIZU-P25 F-F 150MM 20 AWG LEAD UL BK Sn

2178402124 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2178402124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217840 MOLEX-217840 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
217840 MOLEX11-217840 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
More results


Similar Description - 2178402124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2175211121 MOLEX-2175211121 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2178422121 MOLEX-2178422121 Datasheet
75Kb / 1P
MIZU-P25 M-M 75MM 20 AWG LEAD UL RD Sn
2021/01/19
2178411124 MOLEX-2178411124 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178432121 MOLEX-2178432121 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
2174801222 MOLEX-2174801222 Datasheet
84Kb / 1P
MINIFIT SR. F-F 150MM 8 AWG LEAD BK Au
2021/02/05
2175201121 MOLEX-2175201121 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2240871112 MOLEX-2240871112 Datasheet
107Kb / 1P
Mini-Fit Max F-F 150mm 2.0sq.mm Lead BK Sn
2023/03/16
2244511112 MOLEX-2244511112 Datasheet
107Kb / 1P
Stac64 F-F 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2245401112 MOLEX-2245401112 Datasheet
70Kb / 1P
MX64 F-F 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245652112 MOLEX-2245652112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Sn
2023/12/04
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com