Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWIXEEED0QE001 Datasheet (PDF) - Intel Corporation

FWIXEEED0QE001 Datasheet PDF - Intel Corporation
Part # FWIXEEED0QE001
Download  FWIXEEED0QE001 Download
File Size   2074.75 Kbytes
Page   226 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Advanced 8-Port 10/100 Mbps PHY Transceivers

FWIXEEED0QE001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FWIXEEED0QE001 Datasheet PDF - Intel Corporation

Part # FWIXEEED0QE001
Download  FWIXEEED0QE001 Click to download

File Size   2074.75 Kbytes
Page   226 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Advanced 8-Port 10/100 Mbps PHY Transceivers

FWIXEEED0QE001 Datasheet (HTML) - Intel Corporation


FWIXEEED0QE001 Product details

Advanced 8-Port 10/100 Mbps PHY Transceivers

The Intel® LXT9785 and Intel® LXT9785E are 8-port Fast Ethernet PHY Transceivers supporting IEEE 802.3 physical layer applications at 10 Mbps and 100 Mbps. These devices provide Serial/Source Synchronous Serial Media Independent Interfaces (SMII/SS-SMII) and Reduced Media Independent Interface (RMII) for switching and other independent port applications. The LXT9785 and LXT9785E are identical except for the IP telephony features included in the LXT9785E transceiver. The LXT9785E is an enhanced version of the LXT9785 that detects Data Terminal Equipment (DTE) requiring power from the switch over a CAT5 cable. The system uses the information collected by the LXT97985E to apply power if the DTE at the far end requires power over the cable, such as an IP telephone.

Product Features
■ Eight IEEE 802.3-compliant 10BASE-T or 100BASE-TX ports with integrated filters.
■ 100BASE-FX fiber-optic capability on all ports.
■ 2.5 V operation.
■ Low power consumption; 250 mW per port typical.
■ Multiple RMII or SMII/SS-SMII ports for independent PHY port operation.
■ Auto MDI/MDIX crossover capability.
■ Proprietary Optimal Signal Processing™ architecture improves SNR by 3 dB over ideal analog filters.
■ Optimized for dual-high stacked RJ-45 applications.
■ MDIO sectionalization into 2x4 or 1x8 configurations.
■ Supports both auto-negotiation systems and legacy systems without auto-negotiation capability.
■ Robust baseline wander correction.
■ Configurable through the MDIO port or external control pins.
■ JTAG boundary scan.
■ 208-pin PQFP: LXT9785HC, LXT9785EHC, LXT9785HE.
■ 241-ball BGA: LXT9785BC, LXT9785EBC.
■ 196-ball BGA: LXT9785MBC
■ DTE detection for remote powering applications (LXT9785E only).
■ Extended temperature operation of -40°C to +85°C (LXT9785HE).

Applications
■ Enterprise switches
■ IP telephony switches
■ Storage Area Networks
■ Multi-port Network Interface Cards (NICs)




Similar Part No. - FWIXEEED0QE001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXC1100BB INTEL-FWIXC1100BB Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXC1100BC INTEL-FWIXC1100BC Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXC1100BD INTEL-FWIXC1100BD Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BB INTEL-FWIXP420BB Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BC INTEL-FWIXP420BC Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
More results


Similar Description - FWIXEEED0QE001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
logo
Advantech Co., Ltd.
EDG-6528 ADVANTECH-EDG-6528 Datasheet
63Kb / 1P
8-port 10/100 Mbps Industrial Ethernet Switches
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
Micrel Semiconductor
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
8-port Unmanaged Layer 2 100/10 Mbps Switch
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com