Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT16292 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT16292 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT16292
Download  CBT16292 Download
File Size   193.48 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-bit 1-of-2 multiplexer/demultiplexer

CBT16292 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT16292 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT16292
Download  CBT16292 Click to download

File Size   193.48 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-bit 1-of-2 multiplexer/demultiplexer

CBT16292 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT16292 Product details

1. General description
The CBT16292 is a 12-bit 1-of-2 high-speed TTL-compatible multiplexer/demultiplexer.
The low ON resistance of the switch allows connections to be made with minimal
propagation delay.
When the select input (S) is LOW, port nA is connected to port nB1 and port nB2 is
connected to GND via an internal pull-down resistor (500 W). When select input (S) is
HIGH, port nA is connected to port nB2 and nB1 is connected to GND via an internal
pull-down resistor (500 W).
The CBT16292 is characterized for operation from –40 °C to +85 °C.
2. Features
n 6 W switch connection between two ports
n TTL compatible input levels
n Break-before-make feature
n Internal 500 W pull-down resistors to ground
n ESD protection:
u HBM JESD22-A114E Class 2 exceeds 2000 V
u MM JESD22-A115-A exceeds 200 V
u CDM JESD22-C101C exceeds 1000 V
n Latch-up performance exceeds 500 mA per JESD 78




Similar Part No. - CBT16292

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292 Datasheet
56Kb / 8P
12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
CBT16292DGG PHILIPS-CBT16292DGG Datasheet
56Kb / 8P
12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
More results


Similar Description - CBT16292

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292 Datasheet
56Kb / 8P
12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Texas Instruments
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com