Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3125 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3125 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3125
Download  CBT3125 Download
File Size   218.57 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple FET bus switch

CBT3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3125 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3125
Download  CBT3125 Click to download

File Size   218.57 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple FET bus switch

CBT3125 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3125 Product details

1. General description
The CBT3125 quadruple FET bus switch features independent line switches. Each switch is
disabled when the associated output enable (nOE) input is HIGH.
2. Features and benefits
• Standard ’125’-type pinout
• 5 Ω switch connection between two ports
• TTL-compatible input levels
• Latch-up performance exceeds 500 mA per JESD78
• ESD protection:
• HBM JESD22-A114 exceeds 2000 V
• MM JESD22-A115 exceeds 200 V
• CDM JESD22-C101 exceeds 1000 V




Similar Part No. - CBT3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3125 TI-CBT3125 Datasheet
64Kb / 4P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3125D PHILIPS-CBT3125D Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3125DB PHILIPS-CBT3125DB Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3125DS PHILIPS-CBT3125DS Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
More results


Similar Description - CBT3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
QUADRUPLE FET BUS SWITCH
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
Quadruple FET bus switch
2001 Dec 12
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
Quadruple FET Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com