Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3861 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3861 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3861
Download  CBT3861 Download
File Size   208.9 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit bus switch with output enable

CBT3861 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3861 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3861
Download  CBT3861 Click to download

File Size   208.9 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit bus switch with output enable

CBT3861 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3861 Product details

1. General description
The CBT3861 provides ten bits of high-speed TTL-compatible bus switching. The low
ON resistance of the switch allows connections to be made with minimal propagation delay.
The CBT3861 device is organized as one 10-bit bus switches with one output enable (OE) input.
When OE is LOW, the switch is on and port A is connected to the B port. When OE is HIGH, each
switch is disabled.
The CBT3861 is characterized for operation from -40 °C to +85 °C.
2. Features and benefits
• 5 Ω switch connection between two ports
• TTL-compatible control input levels
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V




Similar Part No. - CBT3861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3861 TI-CBT3861 Datasheet
258Kb / 10P
10-BIT FET BUS SWITCH
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
CBT3861BQ NXP-CBT3861BQ Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
CBT3861DK NXP-CBT3861DK Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
CBT3861PW NXP-CBT3861PW Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
More results


Similar Description - CBT3861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
8-bit bus switch with output enable
Rev. 2-15 December 2011
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
8-bit bus switch with output enable
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
10-bit bus switch with output enable
Rev. 5 - 16 February 2021
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com