Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTD16210 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBTD16210 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBTD16210
Download  CBTD16210 Download
File Size   201.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit level shifting bus switch with 10-bit output enables

CBTD16210 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTD16210 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBTD16210
Download  CBTD16210 Click to download

File Size   201.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit level shifting bus switch with 10-bit output enables

CBTD16210 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBTD16210 Product details

FEATURES
• 5W switch connection between two ports
• TTL compatible control input levels
• Designed to be used in 5.5 V to 3.3 V level shifting applications
• Package options include shrink small outline (SSOP) and thin
shrink small outline (TSSOP)

DESCRIPTION
The CBTD16210 provides 20 bits of high-speed TTL-compatible bus
switching. The low on-state resistance of the switch allows
connections to be made with minimal propagation delay.
A diode to VCC is integrated in the circuit to allow for level shifting
between 5 V inputs and 3.3 V outputs.
The device is organized as a dual 10-bit bus switch with separate
output-enable (OE) inputs. It can be used as two 10-bit bus switches
or as one 20-bit bus switch. When OE is low, the associated 10-bit
bus switch is on, and port A is connected to port B. When OE is
high, the switch is open, and a high-impedance state exists between
the ports.
The CBTD16210 is characterized for operation from –40°C to
+85°C.




Similar Part No. - CBTD16210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD16210DGG PHILIPS-CBTD16210DGG Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD16210DL PHILIPS-CBTD16210DL Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results


Similar Description - CBTD16210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with 5-bit output enables
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com