Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK-024 Datasheet (PDF) - Sanyo Semicon Device

STK-024 Datasheet PDF - Sanyo Semicon Device
Part # STK-024
Download  STK-024 Download
File Size   108.2 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick film hybrid IC

STK-024 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK-024 Datasheet PDF - Sanyo Semicon Device

Part # STK-024
Download  STK-024 Click to download

File Size   108.2 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick film hybrid IC

STK-024 Datasheet (HTML) - Sanyo Semicon Device


STK-024 Product details

Features
■ ⓒ IMST, 1 Channel by 1 Power Supply.
■ AF output power STK-024: 20W min.
                               STK-031: 25W min.
                               STK-035: 30W min.
■ Emitter feedback direct coupied amp. Small shock noise.




Similar Part No. - STK-024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK-0029 ETC-STK-0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
STK-0050 ETC-STK-0050 Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
logo
SYC Electronica
STK-0050 SYC-STK-0050 Datasheet
60Kb / 1P
50W MIN. AF POWER AMPLIFIER
logo
List of Unclassifed Man...
STK-0050A ETC-STK-0050A Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
logo
Sanyo Semicon Device
STK-0060II SANYO-STK-0060II Datasheet
132Kb / 2P
Thick Film Hybrid Integrated Circuit Output Stage of 60W min AF Power Amplifier
More results


Similar Description - STK-024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
Thick Film Hybrid IC Offline Switching Regulator
logo
List of Unclassifed Man...
STK082G ETC-STK082G Datasheet
131Kb / 1P
THICK FILM HYBRID IC
STK080 ETC-STK080 Datasheet
145Kb / 1P
THICK FILM HYBRID IC
STK437 ETC-STK437 Datasheet
134Kb / 1P
THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK7358 SANYO-STK7358 Datasheet
57Kb / 3P
Thick Film Hybrid IC
STK6722H SANYO-STK6722H Datasheet
114Kb / 3P
Thick film hybrid IC
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK672-622A-E SANYO-STK672-622A-E Datasheet
224Kb / 23P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
Thick-Film Hybrid IC
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com