Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33111 Datasheet (PDF) - Motorola, Inc

MC33111 Datasheet PDF - Motorola, Inc
Part # MC33111
Download  MC33111 Download
File Size   120.79 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Voltage Compander

MC33111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33111 Datasheet PDF - Motorola, Inc

Part # MC33111
Download  MC33111 Click to download

File Size   120.79 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Voltage Compander

MC33111 Datasheet (HTML) - Motorola, Inc


MC33111 Product details

Advance Information

Low Voltage Compander



The MC33111 contains two variable gain circuits configured for compressing and expanding the dynamic range of an audio signal. One circuit is configured as an expander, and the other is configured as a compressor. Each circuit has a full wave rectifier to provide average value

information to a variable gain cell located in either the input stage or the feedback path. An internal temperature stable bandgap reference provides the necessary precision voltages.



•Operating Supply Voltage: 3.0 V to 7.0 V

•Output Voltage Swing = 2.8 Vp-pwith VCC= 3.0 V

•No Precision External Components Required

•60 dB Dynamic Range Compressed to 30 dB, Re-expandable to 60 dB

•Unity Gain Level set at 100 mVrms

•Attack and Decay Times Adjustable

•Mute and Passthrough Controls

•Two Uncommitted Op Amps

•Temperature Compensated Reference

•Available in Standard DIP and Surface Mount Packages




Similar Part No. - MC33111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC33111D LANSDALE-MC33111D Datasheet
1Mb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111D LANSDALE-MC33111D Datasheet
274Kb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111P LANSDALE-MC33111P Datasheet
1Mb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111P LANSDALE-MC33111P Datasheet
274Kb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
More results


Similar Description - MC33111

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
Low-Voltage/Low-Power Compander IC
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
LOW VOLTAGE COMPANDER
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
LOW VOLTAGE COMPANDER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com