Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOE67B Datasheet (PDF) - ams AG

LOE67B Datasheet PDF - ams AG
Part # LOE67B
Download  LOE67B Download
File Size   1768.0 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PowerTOPLED, a powerful member of the TOPLED family.

LOE67B Datasheet (PDF)

Go To PDF Page Download Datasheet
LOE67B Datasheet PDF - ams AG

Part # LOE67B
Download  LOE67B Click to download

File Size   1768.0 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PowerTOPLED, a powerful member of the TOPLED family.

LOE67B Datasheet (HTML) - ams AG


LOE67B Product details

Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LOE67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
LOE67B-U2AA-24-1 OSRAM-LOE67B-U2AA-24-1 Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
More results


Similar Description - LOE67B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com