Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA676 Datasheet (PDF) - ams AG

LPA676 Datasheet PDF - ams AG
Part # LPA676
Download  LPA676 Download
File Size   445.91 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description SIDELED

LPA676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPA676 Datasheet PDF - ams AG

Part # LPA676
Download  LPA676 Click to download

File Size   445.91 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description SIDELED

LPA676 Datasheet (HTML) - ams AG


LPA676 Product details

Features:
• Package: white SMT package, colorless clear resin
• Technology: InGaAlP•
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Color: pure green (560 nm)•
• Corrosion Robustness: Improved corrosion robustness




Similar Part No. - LPA676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPA676 OSRAM-LPA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LPA676 OSRAM-LPA676 Datasheet
446Kb / 19P
Optical Indicator
LPA676-L1M2-25 OSRAM-LPA676-L1M2-25 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - LPA676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com