Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT68F Datasheet (PDF) - ams AG

LRT68F Datasheet PDF - ams AG
Part # LRT68F
Download  LRT68F Download
File Size   1613.24 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description First SMT LED with integrated reflector.

LRT68F Datasheet (PDF)

Go To PDF Page Download Datasheet
LRT68F Datasheet PDF - ams AG

Part # LRT68F
Download  LRT68F Click to download

File Size   1613.24 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description First SMT LED with integrated reflector.

LRT68F Datasheet (HTML) - ams AG


LRT68F Product details

Features
- Package: white PLCC-2 package, colorless resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 625 nm (● red)
- Corrosion Robustness Class: 1B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LRT68F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
Information Displays
More results


Similar Description - LRT68F

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
Compact LED with reflector
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
Compact LED with reflector
logo
ams AG
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.2 2023-07-20
LOT67D AMSCO-LOT67D Datasheet
1Mb / 22P
TOPLED, SMT LED with integrated reflector.
Version 1.7 2019-07-15
LPT670 AMSCO-LPT670 Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.1 2018-04-03
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
SMT LED with integrated reflector.
Version 1.2 2023-07-25
LRT67F AMSCO-LRT67F Datasheet
1Mb / 22P
First SMT LED with integrated reflector.
Version 1.2 2019-09-24
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
LYT68B AMSCO-LYT68B Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.2 2018-05-23
LGT67F AMSCO-LGT67F Datasheet
1Mb / 22P
First SMT LED with integrated reflector.
Version 1.1 2018-06-18
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com