Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST776 Datasheet (PDF) - ams AG

LST776 Datasheet PDF - ams AG
Part # LST776
Download  LST776 Download
File Size   1144.97 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TOPLED® Reverse Gullwing

LST776 Datasheet (PDF)

Go To PDF Page Download Datasheet
LST776 Datasheet PDF - ams AG

Part # LST776
Download  LST776 Click to download

File Size   1144.97 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TOPLED® Reverse Gullwing

LST776 Datasheet (HTML) - ams AG


LST776 Product details

Features:
—Package: white SMT package, colorless clear resin
—Chip technology: InGaAlP
—Typ. Radiation: 120° (Lambertian emitter)
—Color: λdom = 633 nm (● super red)
—Corrosion Robustness Class: 3B
—ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)




Similar Part No. - LST776

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
TOPLED RG
logo
Siemens Semiconductor G...
LST776-NR SIEMENS-LST776-NR Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LST776-P SIEMENS-LST776-P Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LST776-P2S1-1 OSRAM-LST776-P2S1-1 Datasheet
434Kb / 19P
TOPLED RG
More results


Similar Description - LST776

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
logo
ams AG
SFH4246R AMSCO-SFH4246R Datasheet
1Mb / 17P
TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
Version 1.1 2020-09-01
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com