Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWP473 Datasheet (PDF) - ams AG

LWP473 Datasheet PDF - ams AG
Part # LWP473
Download  LWP473 Download
File Size   2034.71 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.

LWP473 Datasheet (PDF)

Go To PDF Page Download Datasheet
LWP473 Datasheet PDF - ams AG

Part # LWP473
Download  LWP473 Click to download

File Size   2034.71 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.

LWP473 Datasheet (HTML) - ams AG


LWP473 Product details

Features
- Package: white SMT package, colored diffused resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LWP473

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LWP473-Q2S1-3K8L-1 OSRAM-LWP473-Q2S1-3K8L-1 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
More results


Similar Description - LWP473

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
ams AG
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LSP476 AMSCO-LSP476 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-15
LTPWSG AMSCO-LTPWSG Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com