Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4094DB Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV4094DB Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV4094DB
Download  74LV4094DB Download
File Size   282.65 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store bus register

74LV4094DB Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4094DB Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV4094DB
Download  74LV4094DB Click to download

File Size   282.65 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store bus register

74LV4094DB Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV4094DB Product details

1. General description
The 74LV4094 is an 8-bit serial-in/serial or parallel-out shift register with a storage register and
3-state outputs. Both the shift and storage register have separate clocks. The device features a
serial input (D) and two serial outputs (QS1 and QS2) to enable cascading. Data is shifted on the
LOW-to-HIGH transitions of the CP input. Data is available at QS1 on the LOW-to-HIGH transitions
of the CP input to allow cascading when clock edges are fast. The same data is available at QS2
on the next HIGH-to-LOW transition of the CP input to allow cascading when clock edges are slow.
The data in the shift register is transferred to the storage register when the STR input is HIGH.
Data in the storage register appears at the outputs whenever the output enable input (OE) is HIGH.
A LOW on OE causes the outputs to assume a high-impedance OFF-state. Operation of the OE
input does not affect the state of the registers. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess VCC.
2. Features and benefits
• Optimized for low voltage applications over a wide supply voltage range from 1.0 V to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
• Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 °C
• CMOS low power dissipation
• Direct interface with TTL levels
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74LV4094DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4094D PHILIPS-74LV4094D Datasheet
105Kb / 14P
8-stage shift-and-store bus register
1998 Jun 23
More results


Similar Description - 74LV4094DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
8-Stage Shift-and-Store Bus-Register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
8-stage shift-and-store bus register
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com