Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC827A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC827A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC827A
Download  74LVC827A Download
File Size   1169.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state

74LVC827A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC827A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC827A
Download  74LVC827A Click to download

File Size   1169.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state

74LVC827A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC827A Product details

1. General description
The 74LVC827A is a 10-bit buffer/line driver with 3-state outputs. The 3-state outputs are
controlled by the output enable pins OE1 and OE2. A HIGH on pin OEn causes the
outputs to assume a high-impedance OFF-state.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be
applied to the outputs. These features allow the use of these devices as translators in
mixed 3.3 V and 5 V applications.
2. Features and benefits
 5 V tolerant inputs/outputs for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low power consumption
 Direct interface with TTL levels
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115B exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74LVC827A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC827AD PHILIPS-74LVC827AD Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC827ADB PHILIPS-74LVC827ADB Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC827APW PHILIPS-74LVC827APW Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
More results


Similar Description - 74LVC827A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com