Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66GT Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVCV2G66GT Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVCV2G66GT
Download  74LVCV2G66GT Download
File Size   303.24 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Overvoltage tolerant bilateral switch

74LVCV2G66GT Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVCV2G66GT Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVCV2G66GT
Download  74LVCV2G66GT Click to download

File Size   303.24 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Overvoltage tolerant bilateral switch

74LVCV2G66GT Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVCV2G66GT Product details

1. General description
The 74LVCV2G66 is a low-power, low-voltage, high-speed Si-gate CMOS device.
The 74LVCV2G66 provides two single pole single throw analog or digital switches. Each switch
includes an overvoltage tolerant input/output terminal (pin nZ), an output/input terminal (pin nY) and
low-power active HIGH enable input (pin nE).
The overvoltage tolerant switch terminals allow the switching of signals in excess of VCC. The
low-power enable input eliminates the necessity of using current limiting resistors in portable
applications when using control logic signals much lower than VCC. These inputs are also
overvoltage tolerant.
2. Features and benefits
• Wide supply voltage range from 2.3 V to 5.5 V
• Ultra low-power operation
• Very low ON resistance:
• 8.0 Ω (typical) at VCC = 2.7 V
• 7.5 Ω (typical) at VCC = 3.3 V
• 7.3 Ω (typical) at VCC = 5.0 V.
• 5 V tolerant input for interfacing with 5 V logic
• High noise immunity
• Switch handling capability of 32 mA
• CMOS low-power consumption
• Latch-up performance exceeds 250 mA
• Incorporates overvoltage tolerant analog switch technology
• Switch accepts voltages up to 5.5 V independent of VCC
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVCV2G66GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCV2G66GD NXP-74LVCV2G66GD Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
74LVCV2G66GDY66 NXP-74LVCV2G66GDY66 Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
More results


Similar Description - 74LVCV2G66GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVCV2G66DP PHILIPS-74LVCV2G66DP Datasheet
135Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 01-2 April 2004
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
74LVCV2G66 NXP-74LVCV2G66 Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com