Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9508080 Datasheet (PDF) - Molex Electronics Ltd.

9508080 Datasheet PDF - Molex Electronics Ltd.
Part # 9508080
Download  9508080 Download
File Size   285.29 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 3.96 R-R 8ckt 600mm disc Sn

9508080 Datasheet (PDF)

Go To PDF Page Download Datasheet
9508080 Datasheet PDF - Molex Electronics Ltd.

Part # 9508080
Download  9508080 Click to download

File Size   285.29 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 3.96 R-R 8ckt 600mm disc Sn

9508080 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 9508080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
9508080 MOLEX-9508080 Datasheet
286Kb / 1P
KK 3.96 R-S 8ckt 150mm disc Sn
2022/01/19
More results


Similar Description - 9508080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196641022 MOLEX-2196641022 Datasheet
255Kb / 1P
KK 3.96 R-R 2ckt 150mm disc Sn
2022/01/19
2174651083 MOLEX-2174651083 Datasheet
304Kb / 1P
ULTRA-FIT SR R-R 8CKT 600MM DISC Sn
2021/01/22
2177961083 MOLEX-2177961083 Datasheet
293Kb / 1P
KK 2.54 SR R-R 8CKT 600MM DISC Sn
2021/01/11
2196641032 MOLEX-2196641032 Datasheet
261Kb / 1P
KK 3.96 R-R 3ckt 150mm disc Sn
2022/01/19
2196651024 MOLEX-2196651024 Datasheet
262Kb / 1P
KK 3.96 R-S 2ckt 600mm disc Sn
2022/01/19
2196641042 MOLEX-2196641042 Datasheet
254Kb / 1P
KK 3.96 R-R 4ckt 150mm disc Sn
2022/01/19
2196641052 MOLEX-2196641052 Datasheet
270Kb / 1P
KK 3.96 R-R 5ckt 150mm disc Sn
2022/01/19
2196641102 MOLEX-2196641102 Datasheet
293Kb / 1P
KK 3.96 R-R 10ckt 150mm disc Sn
2022/01/19
2196651082 MOLEX-2196651082 Datasheet
286Kb / 1P
KK 3.96 R-S 8ckt 150mm disc Sn
2022/01/19
2240891082 MOLEX-2240891082 Datasheet
101Kb / 1P
KK Plus250 R-R 8ckt 150mm disc Sn
2023/03/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com