Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9508020 Datasheet (PDF) - Molex Electronics Ltd.

9508020 Datasheet PDF - Molex Electronics Ltd.
Part # 9508020
Download  9508020 Download
File Size   262.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 3.96 R-S 2ckt 600mm disc Sn

9508020 Datasheet (PDF)

Go To PDF Page Download Datasheet
9508020 Datasheet PDF - Molex Electronics Ltd.

Part # 9508020
Download  9508020 Click to download

File Size   262.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 3.96 R-S 2ckt 600mm disc Sn

9508020 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 9508020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
9508020 MOLEX-9508020 Datasheet
255Kb / 1P
KK 3.96 R-R 2ckt 150mm disc Sn
2022/01/19
More results


Similar Description - 9508020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196641022 MOLEX-2196641022 Datasheet
255Kb / 1P
KK 3.96 R-R 2ckt 150mm disc Sn
2022/01/19
2166211023 MOLEX-2166211023 Datasheet
323Kb / 1P
SQUBA3.6 R-S 2CKT 600MM Sn
2020/07/21
2196641084 MOLEX-2196641084 Datasheet
285Kb / 1P
KK 3.96 R-R 8ckt 600mm disc Sn
2022/01/19
2196651052 MOLEX-2196651052 Datasheet
271Kb / 1P
KK 3.96 R-S 5ckt 150mm disc Sn
2022/01/19
2196651032 MOLEX-2196651032 Datasheet
265Kb / 1P
KK 3.96 R-S 3ckt 150mm disc Sn
2022/01/19
2196651042 MOLEX-2196651042 Datasheet
266Kb / 1P
KK 3.96 R-S 4ckt 150mm disc Sn
2022/01/19
2196651062 MOLEX-2196651062 Datasheet
277Kb / 1P
KK 3.96 R-S 6¢ckt 150mm disc Sn
2022/01/19
2196651082 MOLEX-2196651082 Datasheet
286Kb / 1P
KK 3.96 R-S 8ckt 150mm disc Sn
2022/01/19
2196651102 MOLEX-2196651102 Datasheet
291Kb / 1P
KK 3.96 R-S 10ckt 150mm disc Sn
2022/01/19
2240901022 MOLEX-2240901022 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com