Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD3055V Datasheet (PDF) - Inchange Semiconductor Company Limited

MTD3055V Datasheet PDF - Inchange Semiconductor Company Limited
Part # MTD3055V
Download  MTD3055V Download
File Size   346.57 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

MTD3055V Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD3055V Datasheet PDF - Inchange Semiconductor Company Limited

Part # MTD3055V
Download  MTD3055V Click to download

File Size   346.57 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

MTD3055V Datasheet (HTML) - Inchange Semiconductor Company Limited


MTD3055V Product details

FEATURES
·Drain Current –ID= 12A@ TC=25℃
·Drain Source Voltage-
: VDSS= 60V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.15Ω(Max)
·100% avalanche tested
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
DESCRIPTION
·motor drive, DC-DC converter, power switch
and solenoid drive




Similar Part No. - MTD3055V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
logo
ON Semiconductor
MTD3055V ONSEMI-MTD3055V Datasheet
81Kb / 12P
Power MOSFET 12Amps, 60 Volts
November, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MTD3055V FAIRCHILD-MTD3055V Datasheet
380Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
BYCHIP ELECTRONICS CO.,...
MTD3055V BYCHIP-MTD3055V Datasheet
779Kb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
logo
VBsemi Electronics Co.,...
MTD3055V-1G VBSEMI-MTD3055V-1G Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - MTD3055V

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com