Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1172A Datasheet (PDF) - Belden Inc.

1172A Datasheet PDF - Belden Inc.
Part # 1172A
Download  1172A Download
File Size   169.23 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible

1172A Datasheet (PDF)

Go To PDF Page Download Datasheet
1172A Datasheet PDF - Belden Inc.

Part # 1172A
Download  1172A Click to download

File Size   169.23 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible

1172A Datasheet (HTML) - Belden Inc.


1172A Product details

Product Description
Microphone Cable, Star Quad, 4 Conductor 26 AWG (30 x 40) High Conductivity Bare Copper, PE Insulation, 95% Tinned Copper French Braid Shield, PVC
Jacket, Flexible




Similar Part No. - 1172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1172 TI-1172 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
Analog Devices
117212-HMC624ALP4 AD-117212-HMC624ALP4 Datasheet
578Kb / 15P
0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
9/2017-Rev. A to Rev. B
logo
PHOENIX CONTACT
1172135 PHOENIX-1172135 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/6X4-SI (5X20)
Sep 8, 2022
1172142 PHOENIX-1172142 Datasheet
557Kb / 22P
Distribution block - PTFIX 10/6X4-SILED 24 (5X20)
Nov 30, 2022
1172146 PHOENIX-1172146 Datasheet
557Kb / 22P
Distribution block - PTFIX 10/6X4-SILED 60 (5X20)
Sep 8, 2022
More results


Similar Description - 1172A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
8418 BELDEN-8418 Datasheet
177Kb / 2P
Microphone Cable, 8 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8424 BELDEN-8424 Datasheet
197Kb / 2P
Microphone Cable, Star Quad, 4 C #20 Str TC, Rayon & 85% TC Braid,Cotton Serve, EPDM Jkt, Flexible
01-20-2023
8403 BELDEN-8403 Datasheet
170Kb / 2P
Microphone Cable, 3 C #20 Str TC, Rayon & 90% TC Braid, PVC Jkt
01-20-2023
8404 BELDEN-8404 Datasheet
209Kb / 2P
Microphone Cable, Star Quad, 4 C #20 Str TC, Rayon & 85% TC Braid, PVC Jkt
01-20-2023
8425 BELDEN-8425 Datasheet
169Kb / 2P
Microphone Cable, 5 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8407 BELDEN-8407 Datasheet
174Kb / 2P
Microphone Cable, Star Quad, 4 C #16 Str TC, Rayon & 85% TC Braid,Cotton Serve, CPE Jkt
01-20-2023
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
8426 BELDEN-8426 Datasheet
169Kb / 2P
Microphone Cable, 6 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8427 BELDEN-8427 Datasheet
170Kb / 2P
Microphone Cable, 7 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com