Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70050 Datasheet (PDF) - Belden Inc.

70050 Datasheet PDF - Belden Inc.
Part # 70050
Download  70050 Download
File Size   213.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1 PAIR AES/EBU, 22AWG, ISTP, LSZH

70050 Datasheet (PDF)

Go To PDF Page Download Datasheet
70050 Datasheet PDF - Belden Inc.

Part # 70050
Download  70050 Click to download

File Size   213.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1 PAIR AES/EBU, 22AWG, ISTP, LSZH

70050 Datasheet (HTML) - Belden Inc.


70050 Product details

Product Description
DIGITAL AUDIO 1 PAIR AES/EBU, 22AWG/0.34mm², ISTP, LSZH




Similar Part No. - 70050

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70050CH BELDEN-70050CH Datasheet
211Kb / 2P
1 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-20-2022
70050CH.00305 BELDEN-70050CH.00305 Datasheet
211Kb / 2P
1 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-20-2022
70050CH.00500 BELDEN-70050CH.00500 Datasheet
211Kb / 2P
1 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-20-2022
More results


Similar Description - 70050

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70049 BELDEN-70049 Datasheet
211Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70050CH BELDEN-70050CH Datasheet
211Kb / 2P
1 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-20-2022
70049LW BELDEN-70049LW Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH
11-09-2022
70051 BELDEN-70051 Datasheet
309Kb / 2P
1 PAIR AES/EBU, 26AWG, ISTP, LSZH
11-09-2022
70051CH BELDEN-70051CH Datasheet
309Kb / 2P
1 PAIR AES/EBU, 26AWG, ISTP, LSZH-C
12-19-2022
70069CH BELDEN-70069CH Datasheet
187Kb / 2P
2 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70070CH BELDEN-70070CH Datasheet
186Kb / 2P
4 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70071CH BELDEN-70071CH Datasheet
186Kb / 2P
8 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70072CH BELDEN-70072CH Datasheet
186Kb / 2P
12 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70075 BELDEN-70075 Datasheet
228Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, FRNC/LSZH
12-19-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com