Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2283-16 Datasheet (PDF) - Princeton Technology Corp

PT2283-16 Datasheet PDF - Princeton Technology Corp
Part # PT2283-16
Download  PT2283-16 Download
File Size   814.84 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Programmable Rolling Code Encoder IC

PT2283-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2283-16 Datasheet PDF - Princeton Technology Corp

Part # PT2283-16
Download  PT2283-16 Click to download

File Size   814.84 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Programmable Rolling Code Encoder IC

PT2283-16 Datasheet (HTML) - Princeton Technology Corp


PT2283-16 Product details

DESCRIPTION

PT2283is a programmable rolling code encoder IC utilizing CMOS Technology specially designed for remote

control applications. It supports up to 20 or 24 bits of programmable address codes, 8 or 4 data bits and 16

bits programmable rolling code. A total of 65,536 rolling code combinations as well as power saving feature

and low battery warn mode(except PT2283L) are also provided.



FEA TURES

• CMOS Technology

• Low Power Consumption

• Least External Components

• High Noise Immunity

• Operating  V oltage: 4V to 10V

• Up to 20 or 24 Address Codes

• Up to 8 or 4 Data Bits

• Up to 243 Output Code Combinations

• Power Saving Feature

• Low Battery  Warn Mode (except PT2283L)

• Available in 8 or 16 pins, SOP or DIP Package



APPLICA TIONS

• Burglar Alarm System

• Car Security System

• Car/Garage Door Controller

• Home/Office Security System

• Personal Alarm System



 




Similar Part No. - PT2283-16

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
PT2283AP-S PTC-PT2283AP-S Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
PT2283B PTC-PT2283B Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
PT2283BP-S PTC-PT2283BP-S Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
More results


Similar Description - PT2283-16

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
Programmable Encoder IC?
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
Programmable Rolling Code Encoder IC
logo
National Semiconductor ...
NM95HS01 NSC-NM95HS01 Datasheet
296Kb / 20P
HiSeC-TM High Security Rolling Code Generator
logo
Holtek Semiconductor In...
HT6P60 HOLTEK-HT6P60 Datasheet
370Kb / 9P
Rolling Encoder
7th Aug 96
logo
Princeton Technology Co...
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
Programmable Encoder IC
logo
Microchip Technology
HCS101 MICROCHIP-HCS101 Datasheet
314Kb / 20P
Fixed Code Encoder
1999-2013
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
logo
Princeton Technology Co...
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com