Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89828L Datasheet (PDF) - Micrel Semiconductor

SY89828L Datasheet PDF - Micrel Semiconductor
Part # SY89828L
Download  SY89828L Download
File Size   129.5 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX

SY89828L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89828L Datasheet PDF - Micrel Semiconductor

Part # SY89828L
Download  SY89828L Click to download

File Size   129.5 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX

SY89828L Datasheet (HTML) - Micrel Semiconductor


SY89828L Product details

DESCRIPTION
The SY89828L is a precision fanout buffer with 20 differential LVDS (Low Voltage Differential Swing) output pairs. The part is designed for use in low voltage 3.3V applications that require a large number of outputs to drive precisely aligned, ultra low-skew signals to their destination.

FEATURES
■ High-performance dual 1:10, 1GHz LVDS fanout buffer/translator
■ Two banks of 10 differential LVDS outputs
■ Guaranteed AC parameters over temperature and voltage:
    • > 1GHz fMAX
    • < 50ps within device skew
    • < 400ps tr, tf time
■ Each bank includes a 2:1 input mux
■ 2:1 mux input accepts LVDS and LVPECL
■ Low jitter performance
    • < 1psRMS cycle-to-cycle jitter
    • < 1psPP total jitter
■ 3.3V supply voltage
■ Output enable function
■ LVDS input includes internal 100Ω termination
■ Available in a 64-Pin EPAD-TQFP

APPLICATIONS
■ Enterprise networking
■ High-end servers
■ Communications




Similar Part No. - SY89828L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828LHI MICREL-SY89828LHI Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828LHITR MICREL-SY89828LHITR Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828LHY MICREL-SY89828LHY Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828LHYTR MICREL-SY89828LHYTR Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
More results


Similar Description - SY89828L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
logo
Micrel Semiconductor
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com