Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA22 Datasheet (PDF) - Vishay Siliconix

TA22 Datasheet PDF - Vishay Siliconix
Part # TA22
Download  TA22 Download
File Size   82.62 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Value Chip Resistor

TA22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA22 Datasheet PDF - Vishay Siliconix

Part # TA22
Download  TA22 Click to download

File Size   82.62 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Value Chip Resistor

TA22 Datasheet (HTML) - Vishay Siliconix


TA22 Product details

Single Value Chip Resistor

Thin film resistors are often an excellent solution for analog design problems where space is limited and high packing density is required. Due to their Tantalum Nitride resistive layer these resistors are stable 0.07 % (2000 h, rated power at + 70 °C) and moisture resistant.

FEATURES
• Small size 20 mil square
• Resistance range 10 Ω to 1 MΩ
• Resistor material: self-passivating Tantalum Nitride
• Silicon substrate for good power dissipation
• Low cost
• Wirebondable




Similar Part No. - TA22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
TA22 VISHAY-TA22 Datasheet
146Kb / 10P
Ultra Precision Thin Film MELF Resistors10
27-Mar-14
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
TA22-100KF0016 VISHAY-TA22-100KF0016 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
More results


Similar Description - TA22

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
TA22 VISHAY-TA22_08 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
Single Value Chip Resistor
06-Oct-08
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com