Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4520D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4520D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT4520D
Download  74HCT4520D Download
File Size   253.82 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-bit synchronous binary counter

74HCT4520D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4520D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT4520D
Download  74HCT4520D Click to download

File Size   253.82 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-bit synchronous binary counter

74HCT4520D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT4520D Product details

1. General description
The 74HC4520; 74HCT4520 are dual 4-bit internally synchronous binary counters with two clock
inputs (nCP0 and nCP1). They have buffered outputs from all 4 bit positions (nQ0 to nQ3) and an
asynchronous master reset input (nMR). The counter advances on the LOW-to-HIGH transition of
nCP0 when nCP1 is HIGH. It also advances on the HIGH-to-LOW transition of nCP1 when nCP0
is LOW. Either nCP0 or nCP1 may be used as the clock input to the counter. The other clock input
may be used as a clock enable input. A HIGH on nMR, resets the counter (nQ0 to nQ3 = LOW)
independent of nCP0 and nCP1. Inputs include clamp diodes. It enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC4520: CMOS level
• For 74HCT4520: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Multistage synchronous counting
• Multistage asynchronous counting
• Frequency dividers




Similar Part No. - 74HCT4520D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4520D-Q100 NEXPERIA-74HCT4520D-Q100 Datasheet
226Kb / 13P
Dual 4-bit synchronous binary counter
74HCT4520D-Q100 NEXPERIA-74HCT4520D-Q100 Datasheet
256Kb / 15P
Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
More results


Similar Description - 74HCT4520D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A_07 Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
logo
NXP Semiconductors
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
Dual 4-bit synchronous binary counter
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com