Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4852D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4852D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT4852D
Download  74HCT4852D Download
File Size   297.04 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HCT4852D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4852D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT4852D
Download  74HCT4852D Click to download

File Size   297.04 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HCT4852D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT4852D Product details

1. General description
The 74HC4852; 74HCT4852 are dual single-pole quad-throw analog switches (SP4T) suitable
for use in analog or digital 4:1 multiplexer/demultiplexer applications. Each switch features four
independent inputs/outputs (nY0, nY1, nY2 and nY3) and a common input/output (nZ). A digital
enable input (E) and two digital select inputs (S0 & S1) are common to both switches. When E is
HIGH, the switches are turned off. The device features injection-current effect control. This allows
signals at disabled analog input channels to exceed the supply voltage without affecting the signal
of the enabled analog channel, eliminating the need for external diode/resistor networks typically
used to keep the analog channel signals within the supply-voltage range. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features
• Injection-current cross coupling < 1 mV/mA
• Wide supply voltage range from 2.0 V to 6.0 V for 74HC4852
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II level A
• Low ON-state resistance:
• 400 Ω (typical) at VCC = 2.0 V
• 215 Ω (typical) at VCC = 3.0 V
• 120 Ω (typical) at VCC = 3.3 V
• 76 Ω (typical) at VCC = 4.5 V
• 59 Ω (typical) at VCC = 6.0 V
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - 74HCT4852D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4852D NXP-74HCT4852D Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HCT4852D-Q100 NEXPERIA-74HCT4852D-Q100 Datasheet
847Kb / 21P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
More results


Similar Description - 74HCT4852D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com