Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV08A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV08A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV08A
Download  74LV08A Download
File Size   192.61 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input AND gate

74LV08A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV08A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV08A
Download  74LV08A Click to download

File Size   192.61 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input AND gate

74LV08A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV08A Product details

1. General description
The 74LV08A is a quad 2-input AND gate.
Inputs are overvoltage tolerant. This feature allows the use of these devices as translators in mixed
voltage environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Maximum tpd of 10 ns at 5 V
• Typical VOL(p) < 0.8 V at VCC = 3.3 V, Tamb = 25 °C
• Typical VOH(v) > 2.3 V at VCC = 3.3 V, Tamb = 25 °C
• Supports mixed-mode voltage operation on all ports
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA per JESD 78 Class II
• ESD protection:
• MM: MM JESD22-A115-B exceeds 200 V
• HBM: ANSI/ESDA/JEDEC JS-001 Class 3A exceeds 4 kV
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 2 kV
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LV08A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
logo
Nexperia B.V. All right...
74LV08A NEXPERIA-74LV08A Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
74LV08A NEXPERIA-74LV08A Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
logo
Diodes Incorporated
74LV08AS14 DIODES-74LV08AS14 Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
74LV08AS14-13 DIODES-74LV08AS14-13 Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
More results


Similar Description - 74LV08A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com