Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV165A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV165A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV165A
Download  74LV165A Download
File Size   810.72 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial-out shift register

74LV165A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV165A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV165A
Download  74LV165A Click to download

File Size   810.72 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial-out shift register

74LV165A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV165A Product details

1. General description
The 74LV165A is an 8-bit parallel-load or serial-in shift register with complementary serial
outputs (Q7 and Q7) available from the last stage. When the parallel-load input (PL) is
LOW, parallel data from the inputs D0 to D7 are loaded into the register asynchronously.
When input PL is HIGH, data enters the register serially at the input DS. It shifts one place
to the right (Q0 Q1 Q2, etc.) with each positive-going clock transition. This feature
allows parallel-to-serial converter expansion by tying the output Q7 to the input DS of the
succeeding stage.
The clock input is a gate-OR structure which allows one input to be used as an active
LOW clock enable input (CE) input. The pin assignment for the inputs CP and CE is
arbitrary and can be reversed for layout convenience. The LOW-to-HIGH transition of the
input CE should only take place while CP HIGH for predictable operation.
Schmitt-trigger action at all inputs, makes the circuit tolerant for slower input rise and fall
times. It is fully specified for partial-power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging current backflow through the device when it
is powered down.
2. Features and benefits
 Wide supply voltage range from 2.0 V to 5.5 V
 Synchronous parallel-to-serial applications
 Synchronous serial input for easy expansion
 Latch-up performance exceeds 250 mA
 CMOS LOW power consumption
 5.5 V tolerant inputs/outputs
 Direct interface with TTL levels (2.7 V to 3.6 V)
 Power-down mode
 Complies with JEDEC standards:
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 JESD8-1A (4.5 V to 5.5 V)
 ESD protection:
 HBM JESD22-A114-A exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C




Similar Part No. - 74LV165A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV165A PHILIPS-74LV165A Datasheet
102Kb / 18P
8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165AD PHILIPS-74LV165AD Datasheet
102Kb / 18P
8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Nexperia B.V. All right...
74LV165AD-Q100 NEXPERIA-74LV165AD-Q100 Datasheet
779Kb / 19P
8-bit parallel-in/serial-out shift register
More results


Similar Description - 74LV165A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
22-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com