Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV14ABZ Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV14ABZ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV14ABZ
Download  74LV14ABZ Download
File Size   239.45 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

74LV14ABZ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV14ABZ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV14ABZ
Download  74LV14ABZ Click to download

File Size   239.45 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

74LV14ABZ Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV14ABZ Product details

1. General description
The 74LV14A is a hex inverter with Schmitt-trigger inputs, capable of transforming slowly changing
input signals into sharply defined, jitter-free output signals.
Inputs are overvoltage tolerant. This feature allows the use of these devices as translators in mixed
voltage environments.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Maximum tpd of 10 ns at 5 V
• Typical VOL(p) < 0.8 V at VCC = 3.3 V, Tamb = 25 °C
• Typical VOH(v) > 2.3 V at VCC = 3.3 V, Tamb = 25 °C
• Supports mixed-mode voltage operation on all ports
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA per JESD 78 Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 3 kV
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 2 kV
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LV14ABZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV14ABZ NEXPERIA-74LV14ABZ Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14ABZZ NEXPERIA-74LV14ABZZ Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results


Similar Description - 74LV14ABZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
Hex inverting Schmitt trigger
1999 Sep 27
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com