Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV244AT Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV244AT Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV244AT
Download  74LV244AT Download
File Size   734.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74LV244AT Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV244AT Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV244AT
Download  74LV244AT Click to download

File Size   734.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74LV244AT Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV244AT Product details

1. General description
The 74LV244AT is an 8-bit buffer/line driver with 3-state outputs and TTL inputs. The
device features two output enables (1OE and 2OE). A HIGH on nOE causes the
associated outputs to assume a high-impedance OFF-state.
Designed to operate over a VCC range from 4.5 V to 5.5 V, the inputs are TTL compatible,
which allows the device to be used to translate from 3.3 V to 5 V.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2. Features and benefits
 Direct interface with TTL levels
 Supply voltage range from 4.5 V to 5.5 V
 Typical tpd of 2.8 ns at 5 V
 Typical VOL(p) < 0.8 V at VCC = 5 V, Tamb = 25 C
 Typical VOH(v) > 2.3 V at VCC = 5 V, Tamb = 25 C
 Supports mixed-mode voltage operation on all ports
 IOFF circuitry provides partial Power-down mode operation
 Latch-up performance exceeds 250 mA per JESD 78 Class II
 ESD protection:
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 3 kV
 MM JESD22-A115-A exceeds 150 V
 CDM JESD22-C101E exceeds 2 kV
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LV244AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV244AT TI-74LV244AT Datasheet
574Kb / 17P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74LV244AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com