Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV540A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV540A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV540A
Download  74LV540A Download
File Size   740.66 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state; inverting

74LV540A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV540A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV540A
Download  74LV540A Click to download

File Size   740.66 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state; inverting

74LV540A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV540A Product details

1. General description
The 74LV540A is an 8-bit inverting buffer/line driver with 3-state outputs. The device
features two output enables (OE1 and OE2). A HIGH on OEn causes the associated
outputs to assume a high-impedance OFF-state.
Inputs are overvoltage tolerant. This feature allows the use of these devices as translators
in mixed voltage environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device is fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output, preventing the potentially damaging backflow current through
the device when it is powered down.
2. Features and benefits
 Wide supply voltage range from 2.0 V to 5.5 V
 Maximum tpd of 6 ns at 5 V
 Typical VOL(p) < 0.8 V at VCC = 3.3 V, Tamb = 25 C
 Typical VOH(v) > 2.3 V at VCC = 3.3 V, Tamb = 25 C
 Supports mixed-mode voltage operation on all ports
 IOFF circuitry provides partial Power-down mode operation
 Latch-up performance exceeds 250 mA per JESD 78 Class II
 ESD protection:
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 3 kV
 MM JESD22-A115-A exceeds 150 V
 CDM JESD22-C101E exceeds 2 kV
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LV540A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV540A TI-74LV540A Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74LV540A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
Octal buffer/line driver; 3-state; inverting
December 1990
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
Octal buffer/line driver; inverting 3-State
1998 May 20
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com