Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS12202 Datasheet (PDF) - Allegro MicroSystems

APS12202 Datasheet PDF - Allegro MicroSystems
Part # APS12202
Download  APS12202 Download
File Size   2440.4 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications

APS12202 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS12202 Datasheet PDF - Allegro MicroSystems

Part # APS12202
Download  APS12202 Click to download

File Size   2440.4 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications

APS12202 Datasheet (HTML) - Allegro MicroSystems


APS12202 Product details

FEATURES AND BENEFITS
• Symmetrical switch points
• Resistant to physical stress
• Superior temperature stability
• Output short-circuit protection
• Operation from unregulated supply
• Reverse battery protection
• Solid-state reliability
• Small package size
• AEC-Q100 automotive qualified

APPLICATIONS
• Industrial motor/encoders
• Commutation/index sensing
• BLDC motors
• Fan motors
• Power tools
• Home applications
• Industrial equipment

DESCRIPTION
The APS12202 and APS12212 Hall-effect latches are extremely
temperature-stable and stress-resistant sensor ICs, especially
suited for operation over extended temperature ranges (up to
150°C). Superior high-temperature performance is made possible
through dynamic offset cancellation, which reduces the residual
offset voltage normally caused by device package overmolding,
temperature dependencies, and thermal stress. The two devices
are identical except for their magnetic switch points.
Both devices include, on a single silicon chip, a voltage regulator,
a Hall voltage generator, a small-signal amplifier, chopper
stabilization, a Schmitt trigger, and a short-circuit protected
open-drain output to sink up to 25 mA. A south polarity magnetic
field of sufficient strength is required to turn the output on. A
north polarity field of sufficient strength is necessary to turn
the output off. An onboard regulator permits operation with
supply voltages in the range of 3 to 24 V.
Two package styles provide a magnetically optimized package for
most applications: type LH is a miniature SOT23W low-profile
surface-mount package, and type UA is a three-pin ultramini
SIP for through-hole mounting. Both packages are lead (Pb)
free with 100% matte-tin leadframe plating.




Similar Part No. - APS12202

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
High-Temperature Precision Hall-Effect Latches
APS12200LLHALT ALLEGRO-APS12200LLHALT Datasheet
1Mb / 16P
High-Temperature Precision Hall-Effect Latches
APS12200LLHALX ALLEGRO-APS12200LLHALX Datasheet
1Mb / 16P
High-Temperature Precision Hall-Effect Latches
APS12200LUAA ALLEGRO-APS12200LUAA Datasheet
1Mb / 16P
High-Temperature Precision Hall-Effect Latches
APS12205 ALLEGRO-APS12205 Datasheet
441Kb / 12P
High-Temperature Chopper-Stabilized Precision Hall-Effect Latches for 5 V Applications
More results


Similar Description - APS12202

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
Chopper Stabilized, Precision Hall Effect Latches
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
Precision Hall-Effect Latches for Consumer and Industrial Applications
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com