Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR Datasheet (PDF) - Greystone Energy Systems Inc.

TLDR Datasheet PDF - Greystone Energy Systems Inc.
Part # TLDR
Download  TLDR Download
File Size   277.71 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT

TLDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLDR Datasheet PDF - Greystone Energy Systems Inc.

Part # TLDR
Download  TLDR Click to download

File Size   277.71 Kbytes
Page   2 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT

TLDR Datasheet (HTML) - Greystone Energy Systems Inc.


TLDR Product details

PRODUCT DESCRIPTION
The multi point rigid duct average low limit
thermostat incorporates several precision
thermistor temperature sensors and provides a
Form C relay output (NO/NC) with an adjustable
setpoint. The sensor is encapsulated in 6 mm
(0.236”) OD, 304 series stainless steel probe and
is available in various lengths (see ordering chart)
All probes provide excellent heat transfer, fast
response and resistance to moisture penetration. A
weatherproof Polycarbonate enclosure is included
for ease of installation.




Similar Part No. - TLDR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR4100-AS12 VISHAY-TLDR4100-AS12 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR440. VISHAY-TLDR440. Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
High Intensity LED, 3 mm Tinted Diffused
04-Feb-99
TLDR4400 VISHAY-TLDR4400 Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
More results


Similar Description - TLDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TNDR GREYSTONE-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com