Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

797582145 Datasheet (PDF) - Molex Electronics Ltd.

797582145 Datasheet PDF - Molex Electronics Ltd.
Part # 797582145
Download  797582145 Download
File Size   154.09 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description LINK396 TIN PLATED 150MM 18AWG

797582145 Datasheet (PDF)

Go To PDF Page Download Datasheet
797582145 Datasheet PDF - Molex Electronics Ltd.

Part # 797582145
Download  797582145 Click to download

File Size   154.09 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description LINK396 TIN PLATED 150MM 18AWG

797582145 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 797582145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
797582145 MOLEX-797582145 Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results


Similar Description - 797582145

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA39A2NG2TN HUBBELL-BURNDY_YA39A2NG2TN Datasheet
260Kb / 2P
HYLUG-TIN PLATED
logo
Molex Electronics Ltd.
797581148 MOLEX-797581148 Datasheet
136Kb / 1P
MICROLOCK PLUS TIN PLATED 150MM 26AWG
2019/05/14
797582143 MOLEX-797582143 Datasheet
137Kb / 1P
MICROLOCK PLUS GOLD PLATED 150MM 26AWG
2019/05/14
797581095 MOLEX-797581095 Datasheet
140Kb / 1P
MILLIGRID GOLD PLATED 150MM 24AWG
2019/05/14
797582129 MOLEX-797582129 Datasheet
147Kb / 1P
NANOFIT GOLD PLATED 150MM 20AWG
2019/05/14
2147602122 MOLEX-2147602122 Datasheet
134Kb / 1P
MICROFIT 3.0 F-F 150MM 18AWG LEAD RD Sn
2020/05/14
2147621122 MOLEX-2147621122 Datasheet
140Kb / 1P
MICROFIT 3.0 M-M 150MM 18AWG LEAD BK Sn
2020/05/14
2147632222 MOLEX-2147632222 Datasheet
136Kb / 1P
MICROFIT 3.0 M-S 150MM 18AWG LEAD RD Au
2020/05/14
797582139 MOLEX-797582139 Datasheet
147Kb / 1P
NANO FIT TIN PLATED 150MM 20AWG
2019/05/14
797582147 MOLEX-797582147 Datasheet
136Kb / 1P
MINILOCK TIN PLATED 150MM 22AWG
2019/06/11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com