Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN450 Datasheet (PDF) - International Rectifier

IRFN450 Datasheet PDF - International Rectifier
Part # IRFN450
Download  IRFN450 Download
File Size   184.1 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET SURFACE MOUNT(SMD-1)

IRFN450 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFN450 Datasheet PDF - International Rectifier

Part # IRFN450
Download  IRFN450 Click to download

File Size   184.1 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET SURFACE MOUNT(SMD-1)

IRFN450 Datasheet (HTML) - International Rectifier


IRFN450 Product details

RDS(on) 0.415 Ω
ID      12A

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Electrically Isolated
■ Surface Mount
■ Dynamic dv/dt Rating
■ Light-weight




Similar Part No. - IRFN450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
IRFN450 IRF-IRFN450 Datasheet
185Kb / 7P
Simple Drive Requirements
IRFN450 IRF-IRFN450_15 Datasheet
185Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFN450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
JANTX2N7236U IRF-JANTX2N7236U Datasheet
174Kb / 7P
POWER MOSFET SURFACE MOUNT (SMD-1)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN9250 IRF-IRHN9250 Datasheet
138Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRF5N3205 IRF-IRF5N3205_05 Datasheet
171Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7054 IRF-IRHN7054 Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com