Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC139 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC139 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC139
Download  74HC139 Download
File Size   243.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-to-4 line decoder/demultiplexer

74HC139 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC139 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC139
Download  74HC139 Click to download

File Size   243.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-to-4 line decoder/demultiplexer

74HC139 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC139 Product details

1. General description
The 74HC139; 74HCT139 decodes two binary weighted address inputs (nA0, nA1) to four mutually
exclusive outputs (nY0 to nY3). Each decoder features an enable input (nE). When nE is HIGH all
outputs are forced HIGH. The enable input can be used as the data input for a 1-to-4 demultiplexer
application. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VCC.
2. Features and benefits
• Input levels:
• For 74HC139: CMOS level
• For 74HCT139: TTL level
• Demultiplexing capability
• 2 independent 2-to-4 decoders
• Multifunction capability
• Suitable for memory decoding, data routing or code conversion
• Complies with JEDEC standard no. 7A
• Active LOW mutually exclusive outputs
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Silicon Supplies
74HC139 SS-74HC139 Datasheet
641Kb / 6P
High Speed CMOS Logic
74HC139 SS-74HC139 Datasheet
696Kb / 6P
High Speed CMOS Logic
74HC139 SS-74HC139 Datasheet
597Kb / 6P
High Speed CMOS Logic
Rev 1.1 21/07/20
logo
NXP Semiconductors
74HC139 NXP-74HC139 Datasheet
156Kb / 17P
Dual 2-to-4 line decoder/demultiplexer
Rev. 4 - 11 December 2015
More results


Similar Description - 74HC139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com