Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT221D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT221D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT221D
Download  74HCT221D Download
File Size   804.51 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual non-retriggerable monostable multivibrator with reset

74HCT221D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT221D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT221D
Download  74HCT221D Click to download

File Size   804.51 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual non-retriggerable monostable multivibrator with reset

74HCT221D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT221D Product details

1. General description
The 74HCT221 is a dual non-retriggerable monostable multivibrator. Each multivibrator
features edge-triggered inputs (nA and nB), either of which can be used as an enable
input. Pulse triggering occurs at a particular voltage level and is not directly related to the
transition time of the input pulse. Schmitt-trigger input circuitry for the nB inputs allow
jitter-free triggering from inputs with slow transition rates, providing the circuit with
excellent noise immunity. Once triggered, the outputs (nQ, nQ) are independent of further
transitions of nA and nB inputs. The output pulse width is defined by the following
relationship: tW = 0.7  CEXT  REXT The output pulses can be terminated by the active
LOW reset inputs (nRD). Pulse width stability is achieved through internal compensation
and is virtually independent of VCC and temperature. In most applications pulse stability
will only be limited by the accuracy of the external timing components. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
 Input levels:
 For 74HCT221: TTL level
 Pulse width variance is typically less than 5%
 Direct reset terminates output pulse
 Schmitt-trigger action on nB inputs
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74HCT221D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT221D PHILIPS-74HCT221D Datasheet
250Kb / 15P
Dual non-retriggerable monostable multivibrator with reset
December 1990
More results


Similar Description - 74HCT221D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC221 PHILIPS-74HC221 Datasheet
250Kb / 15P
Dual non-retriggerable monostable multivibrator with reset
December 1990
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
74HC_HCT221_CNV PHILIPS-74HC_HCT221_CNV_15 Datasheet
250Kb / 15P
Dual non-retriggerable monostable multivibrator with reset
December 1990
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com