Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC241 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC241 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC241
Download  74HC241 Download
File Size   246.06 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74HC241 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC241 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC241
Download  74HC241 Click to download

File Size   246.06 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74HC241 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC241 Product details

1. General description
The 74HC241; 74HCT241 is an 8-bit buffer/line driver with 3-state outputs. The device can be used
as two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and 2OE),
each controlling four of the 3-state outputs. A HIGH on 1OE or LOW on 2OE causes the associated
outputs to assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
The 74HCT241 device features reduced input threshold levels to allow interfacing to TTL logic
levels.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC241: CMOS level
• For 74HCT241: TTL level
• Octal bus interface
• Non-inverting 3-state outputs
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC241 PHILIPS-74HC241 Datasheet
50Kb / 8P
Octal buffer/line driver; 3-state
September 1993
logo
Silicon Supplies
74HC241 SS-74HC241 Datasheet
398Kb / 6P
High Speed CMOS Logic
Rev 1.0 30/11/21
74HC241 SS-74HC241 Datasheet
300Kb / 6P
High Speed CMOS Logic
Rev 1.0 30/11/21
logo
NXP Semiconductors
74HC241D PHILIPS-74HC241D Datasheet
50Kb / 8P
Octal buffer/line driver; 3-state
September 1993
74HC241DB PHILIPS-74HC241DB Datasheet
50Kb / 8P
Octal buffer/line driver; 3-state
September 1993
More results


Similar Description - 74HC241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com