Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4040 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4040 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT4040
Download  74HCT4040 Download
File Size   275.04 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage binary ripple counter

74HCT4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4040 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT4040
Download  74HCT4040 Click to download

File Size   275.04 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage binary ripple counter

74HCT4040 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT4040 Product details

1. General description
The 74HC4040; 74HCT4040 is a 12-stage binary ripple counter with a clock input (CP), an
overriding asynchronous master reset input (MR) and twelve parallel outputs (Q0 to Q11). The
counter advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all counter stages
and forces all outputs LOW, independent of the state of CP. Each counter stage is a static toggle
flip-flop. Inputs include clamp diodes that enable the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC4040: CMOS level
• For 74HCT4040: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Frequency dividing circuits
• Time delay circuits
• Control counters




Similar Part No. - 74HCT4040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4040 PHILIPS-74HCT4040 Datasheet
137Kb / 24P
12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040-Q100 NEXPERIA-74HCT4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
logo
NXP Semiconductors
74HCT4040BQ PHILIPS-74HCT4040BQ Datasheet
137Kb / 24P
12-stage binary ripple counter
Rev. 03-14 September 2005
74HCT4040BQ NXP-74HCT4040BQ Datasheet
160Kb / 18P
12-stage binary ripple counter
Rev. 5 - 3 February 2016
logo
Nexperia B.V. All right...
74HCT4040BQ-Q100 NEXPERIA-74HCT4040BQ-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
More results


Similar Description - 74HCT4040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
12-stage binary ripple counter
Rev. 03-14 September 2005
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
12-stage binary ripple counter
1998 Jun 23
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com