Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4046A Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4046A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4046A
Download  74HC4046A Download
File Size   671.36 Kbytes
Page   36 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Phase-locked loop with VCO

74HC4046A Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4046A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4046A
Download  74HC4046A Click to download

File Size   671.36 Kbytes
Page   36 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Phase-locked loop with VCO

74HC4046A Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4046A Product details

1. General description
The 74HC4046A; 74HCT4046A is a high-speed Si-gate CMOS device. It is specified in compliance
with JEDEC standard no 7A.
2. Features and benefits
• Low power consumption
• VCO-Inhibit control for ON/OFF keying and for low standby power consumption
• Center frequency up to 17 MHz (typical) at VCC = 4.5 V
• Choice of three phase comparators:
• PC1: EXCLUSIVE-OR
• PC2: Edge-triggered J-K flip-flop
• PC3: Edge-triggered RS flip-flop
• Excellent Voltage Controlled Oscillator (VCO) linearity
• Low frequency drift with supply voltage and temperature variations
• Operating power supply voltage range:
• VCO section 3.0 V to 6.0 V
• Digital section 2.0 V to 6.0 V
• Zero voltage offset due to operational amplifier buffering
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
3. Applications
• FM modulation and demodulation
• Frequency synthesis and multiplication
• Frequency discrimination
• Tone decoding
• Data synchronization and conditioning
• Voltage-to-frequency conversion
• Motor-speed control




Similar Part No. - 74HC4046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
NXP Semiconductors
74HC4046AD PHILIPS-74HC4046AD Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
74HC4046ADB PHILIPS-74HC4046ADB Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
74HC4046AN PHILIPS-74HC4046AN Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
More results


Similar Description - 74HC4046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com