Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4FC2012F Datasheet (PDF) - Transko Electronics, Inc.

T4FC2012F Datasheet PDF - Transko Electronics, Inc.
Part # T4FC2012F
Download  T4FC2012F Download
File Size   1047.3 Kbytes
Page   5 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)

T4FC2012F Datasheet (PDF)

Go To PDF Page Download Datasheet
T4FC2012F Datasheet PDF - Transko Electronics, Inc.

Part # T4FC2012F
Download  T4FC2012F Click to download

File Size   1047.3 Kbytes
Page   5 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)

T4FC2012F Datasheet (HTML) - Transko Electronics, Inc.


T4FC2012F Product details

FEATURES
• High common mode impedance at high frequency
• excellent noise suppression performance
• Ideal for use as common-mode chokes for USB2.0, IEEE 1394, and LVDS
• Halogen Free RoHS compliant




Similar Part No. - T4FC2012F

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
T4FC1210DF-150 TRANSKO-T4FC1210DF-150 Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
T4FC1210DF-250 TRANSKO-T4FC1210DF-250 Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
T4FC1210DF-400 TRANSKO-T4FC1210DF-400 Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
T4FC1210DF-500 TRANSKO-T4FC1210DF-500 Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
More results


Similar Description - T4FC2012F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012EC KINGBRIGHT-AP2012EC Datasheet
98Kb / 4P
2.0 X 1.2 mm SMD CHIP LED LAMP
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
logo
Transko Electronics, In...
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com