Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC22 Datasheet (PDF) - Transko Electronics, Inc.

THC22 Datasheet PDF - Transko Electronics, Inc.
Part # THC22
Download  THC22 Download
File Size   158.92 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)

THC22 Datasheet (PDF)

Go To PDF Page Download Datasheet
THC22 Datasheet PDF - Transko Electronics, Inc.

Part # THC22
Download  THC22 Click to download

File Size   158.92 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)

THC22 Datasheet (HTML) - Transko Electronics, Inc.


THC22 Product details

FEATURES:
• LOW PHASE NOISE
• RoHS COMPLIANT
• HCSL OUTPUT




Similar Part No. - THC22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THC2218 ETC1-THC2218 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2219 ETC1-THC2219 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2221 ETC1-THC2221 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2222 ETC1-THC2222 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2243 ETC1-THC2243 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
More results


Similar Description - THC22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
YHC53 TRANSKO-YHC53 Datasheet
119Kb / 1P
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev. 0: Apr. 2019 Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com