Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1005K Datasheet (PDF) - Renesas Technology Corp

UPB1005K Datasheet PDF - Renesas Technology Corp
Part # UPB1005K
Download  UPB1005K Download
File Size   367.17 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT

UPB1005K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1005K Datasheet PDF - Renesas Technology Corp

Part # UPB1005K
Download  UPB1005K Click to download

File Size   367.17 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT

UPB1005K Datasheet (HTML) - Renesas Technology Corp


UPB1005K Product details

FEATURES
• Double conversion : fREFin = 27.456 MHz, f1stIFin = 175.164 MHz, f2ndIFin = 132 kHz
• Integrated RF block : Pre-Amplifier + RF/IF frequency down-converter + PLL frequency synthesizer
: The 2-bit A/D converter is unified to single chip.
• Needless to input counter data : fixed division internal prescaler
• VCO side division : ÷102 (÷8, ÷12.75 serial prescaler)
• Reference division : ÷2
• Supply voltage : VCC = 2.7 to 3.3 V
• Low current consumption : ICC = 18.0 mA TYP. @ VCC = 3.0 V
• Gain adjustable externally : Gain control voltage pin (control voltage up vs. gain down)
• Power-save function : Power-save dark current ICC(PD) = 10 μA MAX.
• High-density surface mountable : 36-pin plastic QFN




Similar Part No. - UPB1005K

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005K NEC-UPB1005K Datasheet
120Kb / 16P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Renesas Technology Corp
UPB1005K RENESAS-UPB1005K Datasheet
510Kb / 29P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
logo
NEC
UPB1005K-E1 NEC-UPB1005K-E1 Datasheet
120Kb / 16P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
More results


Similar Description - UPB1005K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPB1007K RENESAS-UPB1007K Datasheet
510Kb / 29P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1009K RENESAS-UPB1009K Datasheet
432Kb / 31P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2004
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com